Part Number Hot Search : 
RU60E25L 186VL SCL527 UFS330 UPC2415A 5KE200 APED3528 H1300
Product Description
Full Text Search
 

To Download TSC5303D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TSC5303D high voltage npn transistor with diode 1/6 version: b10 to - 25 1 (ipak) to - 25 2 (dpak) product summary bv ceo 400v bv cbo 700v i c 3a v ce(sat) 0.17v @ i c =1a, i b =0.25a features build-in free-wheeling diode makes efficient anti- saturation operation no need to interest an hfe value because of low variable storage-time spread even though comer spirit product. low base drive requirement suitable for half bridge light ballast application block diagram structure silicon triple diffused type npn silicon transistor integrated anti-parallel collector-emitter diode ordering information part no. package packing TSC5303Dcp ro to-252 2.5kpcs / 13 reel TSC5303Dch c5 to-251 75pcs / tube absolute maximum rating (ta = 25 o c unless otherwise noted) parameter symbol limit unit collector-base voltage v cbo 700 v collector-emitter voltage @ v be =0v v ces 700 v collector-emitter voltage v ceo 400 v emitter-base voltage v ebo 9 v collector current i c 3 a collector peak current (tp <5ms) i cm 6 a base current i b 1.5 a base peak current (tp <5ms) i bm 3 a power total dissipation @ tc=25oc p dtot 30 w maximum operating junction temperature t j +150 o c storage temperature range t stg -55 to +150 o c pin definition : 1. base 2. collector 3. emitter
TSC5303D high voltage npn transistor with diode 2/6 version: b10 thermal performance parameter symbol limit unit thermal resistance - junction to case r ? jc 4.15 o c/w thermal resistance - junction to ambient r ? ja 75 o c/w electrical specifications (ta = 25 o c unless otherwise noted) parameter conditions symbol min typ max unit static collector-base voltage i c =1ma, i b =0 bv cbo 700 -- -- v collector-emitter breakdown voltage i c =10ma, i e =0 bv ceo 400 -- -- v emitter-base breakdown voltage i e =1ma, i c =0 bv ebo 9 -- -- v collector cutoff current v cb =700v, i e =0 i cbo -- -- 10 ua collector cutoff current v ce =400v, i b =0 i ceo -- -- 10 ua emitter cutoff current v eb =7v, i c =0 i ebo -- -- 10 ua collector-emitter saturation voltage i c =0.4a, i b =0.1a v ce(sat)1 -- 0.10 0.7 v i c =1a, i b =0.25a v ce(sat)2 -- 0.17 1 i c =2a, i b =0.5a v ce(sat)3 -- 0.55 -- base-emitter saturation voltage i c =1a, i b =0.25a v be(sat)1 -- -- 1.1 v i c =2a, i b =0.5a v be(sat)2 -- -- 1.2 dc current gain v ce =5v, i c =10ma hfe 10 -- -- v ce =5v, i c =1a 15 -- 30 v ce =5v, i c =2a 5 -- -- forward voltage drop i f =2a vf -- -- 2 v turn on time v cc =250v, i c =1a, i b1 =i b2 =0.2a, t p =25us duty cycle<1% t on -- 0.2 0.6 us storage time t stg -- 2.7 4.5 us fall time t f -- 0.16 0.3 us notes: pulsed duration =380us, duty cycle 2%
TSC5303D high voltage npn transistor with diode 3/6 version: b10 electrical characteristics curve (ta = 25 o c, unless otherwise noted) figure 1. static characteristics figure 2. dc current gain figure 3. vce(sat) v.s. vbe(sat) figure 4. power derating figure 5. reverse bias soa figure 6. safety operating area
TSC5303D high voltage npn transistor with diode 4/6 version: b10 to-252 mechanical drawing marking diagram y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) l = lot code to-252 dimension dim millimeters inches min max min max a 2.290 bsc 0.090 bsc a1 4.600 bsc 0.180 bsc b 7.000 7.200 0.275 0.283 c 6.000 6.200 0.236 0.244 d 6.400 6.604 0.252 0.260 e 2.210 2.387 0.087 0.094 f 0.010 0.127 0.000 0.005 g 5.232 5.436 0.206 0.214 g1 0.666 0.889 0.026 0.035 g2 0.633 0.889 0.025 0.035 h 0.508 ref 0.020 ref i 0.900 1.500 0.035 0.059 j 2.743 ref 0.108 ref k 0.660 0.094 0.026 0.037 l 1.397 1.651 0.055 0.065 m 1.100 ref 0.043 ref
TSC5303D high voltage npn transistor with diode 5/6 version: b10 to-251 mechanical drawing marking diagram y = year code m = month code ( a =jan, b =feb, c =mar, d =apl, e =may, f =jun, g =jul, h =aug, i =sep, j =oct, k =nov, l =dec) l = lot code to-251 dimension dim millimeters inches min max min max a 2.190 2.380 0.0862 0.0937 a1 0.890 1.140 0.0350 0.0449 b 0.640 0.890 0.0252 0.0350 b1 0.760 1.140 0.0299 0.0449 b2 5.210 5.460 0.2051 0.2150 c 0.460 0.580 0.0181 0.0228 c1 0.460 0.580 0.0181 0.0228 d 5.970 6.100 0.2350 0.2402 e 6.350 6.730 0.2500 0.2650 e 2.280 bsc 0.0898 bsc l 8.890 9.650 0.3500 0.3799 l1 1.910 2.280 0.0752 0.0898 l2 0.890 1.270 0.0350 0.0500 l3 1.150 1.520 0.0453 0.0598
TSC5303D high voltage npn transistor with diode 6/6 version: b10 notice specifications of the products displayed herein are subject to change without notice. tsc or anyone on its behalf, assumes no responsibility or liability for any erro rs or inaccuracies. information contained herein is intended to provide a product description only. no license, express or implied, to any intellectual property rights is granted by this document. except as provided in tscs terms and co nditions of sale for such products, tsc assumes no liability wh atsoever, and disclaims any express or implied warr anty, relating to sale and/or use of tsc products includi ng liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, cop yright, or other intellectual property right. the products shown herein are not designed for use in medical, life-saving, or life-sustaining applica tions. customers using or selling these products for use i n such applications do so at their own risk and agr ee to fully indemnify tsc for any damages resulting from such i mproper use or sale.


▲Up To Search▲   

 
Price & Availability of TSC5303D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X